データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2703 データシート(PDF) 7 Page - STMicroelectronics

部品番号 AN2703
部品情報  All datasheet parameters are rated as minimum or maximum values
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2703 データシート(HTML) 7 Page - STMicroelectronics

  AN2703 Datasheet HTML 1Page - STMicroelectronics AN2703 Datasheet HTML 2Page - STMicroelectronics AN2703 Datasheet HTML 3Page - STMicroelectronics AN2703 Datasheet HTML 4Page - STMicroelectronics AN2703 Datasheet HTML 5Page - STMicroelectronics AN2703 Datasheet HTML 6Page - STMicroelectronics AN2703 Datasheet HTML 7Page - STMicroelectronics AN2703 Datasheet HTML 8Page - STMicroelectronics AN2703 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AN2703
Testing method for parameters
7/9
Appendix A
Testing method for parameters
The testing method for IDRM / IRRM parameters is:
●
Apply the specified VDRM or VRRM voltage across anode and cathode (or A2 and A1
terminals for TRIACs, or OUT and COM terminals for AC Switches)
●
Measure the leakage current peak value: it must be less than the maximum
specification value (IDRM / IRRM max.).
It is forbidden to use a current supply and apply the IDRM / IRRM max. through anode
and cathode, and then measure the voltage.
In this case, the TRIAC or the SCR goes into breakdown voltage and may be damaged.
Note:
A voltage higher than the VDRM / VRRM rated values may be applied for less than 10 ms if it
does not exceed the VDSM / VRSM parameters specified in the device datasheet.
Figure 1.
Relationship between applied and measured values



Html Pages

1 2 3 4 5 6 7 8 9