データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN2946 データシート(PDF) 25 Page - STMicroelectronics

部品番号 AN2946
部品情報  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 データシート(HTML) 25 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 21Page - STMicroelectronics AN2946 Datasheet HTML 22Page - STMicroelectronics AN2946 Datasheet HTML 23Page - STMicroelectronics AN2946 Datasheet HTML 24Page - STMicroelectronics AN2946 Datasheet HTML 25Page - STMicroelectronics AN2946 Datasheet HTML 26Page - STMicroelectronics AN2946 Datasheet HTML 27Page - STMicroelectronics AN2946 Datasheet HTML 28Page - STMicroelectronics AN2946 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
AN2946
Firmware design
Doc ID 15473 Rev 2
25/38
4.2.2
Battery charging management
Figure 31.
Three-stage charging routine
The battery charging flowchart is illustrated in Figure 31. The MPPT algorithm is involved in
stage 1 and stage 2 charging. The stage 1 is a current constraint. In stage 3, the charger
keeps changing the charging current to maintain a constant charging voltage.
The MPPT algorithm illustrated in Figure 32, simplifies the conventional P&O method. Since
battery voltage cannot drastically change in a short period, the maximum power point must
lie on the maximum current point. This allows the MCU to compare current instead of a
power comparison which is more complex for an embedded system.
Figure 32.
MPPT flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38