| データシートサーチシステム |
|
AN2946 データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2946 データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 38 page ![]() AN2946 Safety instructions Doc ID 15473 Rev 2 5/38 1 Safety instructions Warning: The demonstration board must be used in a suitable laboratory by qualified personnel only who are familiar with the installation, use, and maintenance of electrical systems. 1.1 Intended use The demonstration board is a component designed for demonstration purposes only, and shall be used neither for domestic installation nor for industrial installation. The technical data as well as the information concerning the power supply and operating conditions shall be taken from the documentation included with the demonstration board and strictly observed. 1.2 Installation The installation of the demonstration board shall be taken from the present document and strictly observed. The components must be protected against excessive strain. In particular, no components are to be bent, or isolating distances altered during the transportation, handling or usage. The demonstration board contains electrostatically-sensitive components that are prone to damage through improper use. Electrical components must not be mechanically damaged or destroyed (to avoid potential risks and health injury). 1.3 Electrical connection Applicable national accident prevention rules must be followed when working on the mains power supply. The electrical installation shall be completed in accordance with the appropriate requirements (e.g. cross-sectional areas of conductors, soldering, and PE connections). 1.4 Board operation A system architecture which supplies power to the demonstration board shall be equipped with additional control and protective devices in accordance with the applicable safety requirements (e.g. compliance with technical equipment and accident prevention rules). |