データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3029 データシート(PDF) 29 Page - STMicroelectronics

部品番号 AN3029
部品情報  Getting started with STM8L and STM8AL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3029 データシート(HTML) 29 Page - STMicroelectronics

Back Button AN3029 Datasheet HTML 25Page - STMicroelectronics AN3029 Datasheet HTML 26Page - STMicroelectronics AN3029 Datasheet HTML 27Page - STMicroelectronics AN3029 Datasheet HTML 28Page - STMicroelectronics AN3029 Datasheet HTML 29Page - STMicroelectronics AN3029 Datasheet HTML 30Page - STMicroelectronics AN3029 Datasheet HTML 31Page - STMicroelectronics AN3029 Datasheet HTML 32Page - STMicroelectronics AN3029 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
DocID16139 Rev 5
29/42
AN3029
Setting up the STM8 development environment
41
10.2
Using the tools
Once the tools installation is complete, the ST Visual Develop (STVD) integrated
development environment can be launched.
The user then has the choice to generate either a new workspace with a new project or to
open an existing workspace. If using the STVD for the first time, it is recommended to open
an existing project from the STM8 firmware library.
Note:
Even if you are not intending to use the library, an existing library project can be used as a
template to configure all the compiler options. Enter your own code after main().
The STM8 firmware library includes several examples for each peripheral plus one
workspace containing a blank project which is ready to receive your C code. It is located in
the firmware subdirectory \Project\Template (see Figure 17). You can choose between
STVD\Cosmic, STVD\Raisonance, RIDE, or EWSTM8.
Figure 17. STVD open example workspace



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42