データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3029 データシート(PDF) 35 Page - STMicroelectronics

部品番号 AN3029
部品情報  Getting started with STM8L and STM8AL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3029 データシート(HTML) 35 Page - STMicroelectronics

Back Button AN3029 Datasheet HTML 31Page - STMicroelectronics AN3029 Datasheet HTML 32Page - STMicroelectronics AN3029 Datasheet HTML 33Page - STMicroelectronics AN3029 Datasheet HTML 34Page - STMicroelectronics AN3029 Datasheet HTML 35Page - STMicroelectronics AN3029 Datasheet HTML 36Page - STMicroelectronics AN3029 Datasheet HTML 37Page - STMicroelectronics AN3029 Datasheet HTML 38Page - STMicroelectronics AN3029 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
DocID16139 Rev 5
35/42
AN3029
Setting up the STM8 development environment
41
Figure 23. Connecting the debug instrument to the STM8L152x-EVAL evaluation
board
Caution:
On the Rlink adapter board for STM8, the “SWIM” jumper must be set. If there is no pull-up
on the application SWIM line, the “ADAPT” jumper is also set. The “PW-5V” and “12MHz”
jumpers must not be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42