データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3137 データシート(PDF) 18 Page - STMicroelectronics

部品番号 AN3137
部品情報  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 データシート(HTML) 18 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 14Page - STMicroelectronics AN3137 Datasheet HTML 15Page - STMicroelectronics AN3137 Datasheet HTML 16Page - STMicroelectronics AN3137 Datasheet HTML 17Page - STMicroelectronics AN3137 Datasheet HTML 18Page - STMicroelectronics AN3137 Datasheet HTML 19Page - STMicroelectronics AN3137 Datasheet HTML 20Page - STMicroelectronics AN3137 Datasheet HTML 21Page - STMicroelectronics AN3137 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
ADC errors
AN3137
18/42
Doc ID 16983 Rev 3
Figure 9.
Offset and gain error
3.5
Hardware design errors
3.5.1
External resistance design error
The input multiplexer has a nonzero impedance (Rmpx). Sampling is done by switch which
has also a nonzero impedance (Rsw). Both impedances, together with the sampling
capacitance (Csamp = typ. 16 pF; see datasheet) and external signal source resistance
(Rext), create a low pass filter. Therefore the external signal source impedance (Rext) must
be designed so that this low pass filter cut-off frequency will not be too low in relation to the
ADC sampling time (tS = 4 ... 384 ADC clocks).
R
sw
R
mpx
R
ext
++
() C
samp
⋅
t
s
«
Figure 10.
Analog input circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42