データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3137 データシート(PDF) 28 Page - STMicroelectronics

部品番号 AN3137
部品情報  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 データシート(HTML) 28 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 24Page - STMicroelectronics AN3137 Datasheet HTML 25Page - STMicroelectronics AN3137 Datasheet HTML 26Page - STMicroelectronics AN3137 Datasheet HTML 27Page - STMicroelectronics AN3137 Datasheet HTML 28Page - STMicroelectronics AN3137 Datasheet HTML 29Page - STMicroelectronics AN3137 Datasheet HTML 30Page - STMicroelectronics AN3137 Datasheet HTML 31Page - STMicroelectronics AN3137 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Methods for precision improvement
AN3137
28/42
Doc ID 16983 Rev 3
Figure 15.
ADC input pin noise spikes from internal charge during sampling process
Note that a non-zero external capacitance Cext (parasitic pin capacitance) also exists, so
during conversion time the pin capacitance is discharged through source impedance Rin.
4.4.3
Minimizing added errors
Workaround for high impedance sources
To solve the added error problem, you can increase the sampling time (tS) configuring ADC
settings in MCU firmware, so that you discharge the Csh charge through the source
impedance Rin. The time constant (Rin * Csh) is the reference for choosing the sampling
time. To choose the sampling time cycles, use this formula (see also Section 1):
The clock for ADC (fADC) is another important factor; slowing down the ADC clock
increases the sampling time.
t
S
f
ADC
R
in
C
sh
⋅
() In
4096
0.5
-------------
⋅⋅
≥
cycles
[]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42