データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3311 データシート(PDF) 22 Page - STMicroelectronics

部品番号 AN3311
部品情報  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 データシート(HTML) 22 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 18Page - STMicroelectronics AN3311 Datasheet HTML 19Page - STMicroelectronics AN3311 Datasheet HTML 20Page - STMicroelectronics AN3311 Datasheet HTML 21Page - STMicroelectronics AN3311 Datasheet HTML 22Page - STMicroelectronics AN3311 Datasheet HTML 23Page - STMicroelectronics AN3311 Datasheet HTML 24Page - STMicroelectronics AN3311 Datasheet HTML 25Page - STMicroelectronics AN3311 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
STM3210C-EVAL demonstration board
AN3311
22/58
Doc ID 18209 Rev 1
47
PC1
Ethernet
49
PC13
IDD_CNT_EN /
Anti-tamper button
B4
Keep JP1 open
2PD15
MC
Disconnect STM3210C-EVAL board from motor power drive
board
4
PD13
LD2
Remove R95
6
PD11
Ethernet
Remove RS1
8
PD9
Ethernet/smartcard
Keep JP12 open
10
GND
12
PD8
Ethernet/smartcard
Keep JP13 open
14
PB14
IO_Expander_INT
Remove R159
16
PB12
Ethernet/audio
Remove RS3
18
PB10
Ethernet
Remove RS2
20
PE15
MC
Remove R139
22
PE13
MC
Disconnect STM3210C-EVAL board from motor power drive
board
24
26
PE11
MC
Disconnect STM3210C-EVAL board from motor power drive
board
28
PE9
MC
30
GND
32
PB2
MC
Remove R168
34
PB0
MC
Remove R167
36
PC4
Potentiometer
Remove R103
38
PA6
IDD_Measurement
Remove R79
40
PA5
MC
Remove R84
42
PA3
MC/Ethernet
Keep JP10 open
44
PA1
Ethernet
Keep JP3 open
46
PC2
Ethernet
Remove RS1
48
PC0
MC/smartcard
Remove R165
50
GND
Table 8.
Daughterboard extension connector CN9 (continued)
Pin
Description
Alternate function
How to disconnect with function block on STM3210C-
EVAL board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58