データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3311 データシート(PDF) 25 Page - STMicroelectronics

部品番号 AN3311
部品情報  This application note describes
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3311 データシート(HTML) 25 Page - STMicroelectronics

Back Button AN3311 Datasheet HTML 21Page - STMicroelectronics AN3311 Datasheet HTML 22Page - STMicroelectronics AN3311 Datasheet HTML 23Page - STMicroelectronics AN3311 Datasheet HTML 24Page - STMicroelectronics AN3311 Datasheet HTML 25Page - STMicroelectronics AN3311 Datasheet HTML 26Page - STMicroelectronics AN3311 Datasheet HTML 27Page - STMicroelectronics AN3311 Datasheet HTML 28Page - STMicroelectronics AN3311 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
AN3311
Demonstration firmware system setup
Doc ID 18209 Rev 1
25/58
5.4
How to navigate the demo menu
Four basic elements constitute the hardware of the system user interface: a 320 x 240 TFT
LCD display, a resistive touchscreen, a 5-way (left, right, up, down, selection) micro-joystick
and a pushbutton “Key”.
The joystick is primarily used for navigating between the various menu screens, within a
screen and between screen items. In addition, the joystick allows the selection and editing of
item values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58