データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN3322 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN3322
部品情報  Watt-hour meter based on the STM32F101 microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3322 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN3322 Datasheet HTML 5Page - STMicroelectronics AN3322 Datasheet HTML 6Page - STMicroelectronics AN3322 Datasheet HTML 7Page - STMicroelectronics AN3322 Datasheet HTML 8Page - STMicroelectronics AN3322 Datasheet HTML 9Page - STMicroelectronics AN3322 Datasheet HTML 10Page - STMicroelectronics AN3322 Datasheet HTML 11Page - STMicroelectronics AN3322 Datasheet HTML 12Page - STMicroelectronics AN3322 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
DocID18304 Rev 1
9/38
AN3322
Watt-hour meter using the STM32
1.3.2
There are two current ranges in the meter
Low gain range (LG): for 100 A range a resolution and accuracy with the
12-bit ADC are:
Imax = 100 x 2 x 1.414 = 300 Apeak-peak
Resolution in A for maximum value: 300A x 0.02% = 60 mA
Resolution in A for RMS value: 100 ARMS x 0.02% = 20 mARMS
Minimal error of measurement of current about:
Starting current:
Ist: 20 mARMS / 20 mARMS = 100% (no precision prescribed)
Minimum current:
Imin: 20 mARMS / 250 mARMS = 8% (1,5% prescribed)
Transition current: Itr: 20 mARMS / 500 mARMS = 4% (1% prescribed)
Reference current: Iref: 20 mARMS / 5 ARMS = 0.4% (1% prescribed)
Maximum current: Imax: 20 mARMS / 100 ARMS = 0.02% (1% prescribed).
Error values are lower than prescribed standards in case of Iref and Imax. Lower currents Imin
and Itr cannot be measured within this LG range.
High gain range (HG): for 10 A range a resolution and accuracy with the
12-bit ADC are:
Imax = 10 x 2 x 1.414 = 28 Apeak-peak
Resolution in A for maximum value: 28 A x 0.02% = 5.8 mA
Resolution in A for RMS value: 10 ARMSx 0.02% = 2.4 mARMS
Minimal error of measurement of current about:
Starting current:
Ist: 2.4 mARMS / 20 mARMS = 12% (no precision prescribed)
Minimum current:
Imin: 2.4 mARMS / 0.5 ARMS = 0.48% (1,5% prescribed)
Transition current: Itr: 2.4 mARMS / 1 ARMS= 0.24% (1% prescribed)
Reference current: Iref: 2.4 mARMS / 5 ARMS = 0.048% (1% prescribed)
Maximum current: Imax: 2.4 mARMS / 10 ARMS = 0.024% (1% prescribed).
Error values are lower than prescribed standards in the case of Ist, Imin, Itr, and Iref. Higher
current Imax cannot be measured within this HG range due to ADC saturation.
From the analysis performed in this section it can be seen that a system using one range for
voltage and two ranges for current measurement can fulfill requirements for the prescribed
precision of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com