データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TN0047 データシート(PDF) 1 Page - STMicroelectronics

部品番号 TN0047
部品情報  The purpose of this technical
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0047 データシート(HTML) 1 Page - STMicroelectronics

  TN0047 Datasheet HTML 1Page - STMicroelectronics TN0047 Datasheet HTML 2Page - STMicroelectronics TN0047 Datasheet HTML 3Page - STMicroelectronics TN0047 Datasheet HTML 4Page - STMicroelectronics TN0047 Datasheet HTML 5Page - STMicroelectronics TN0047 Datasheet HTML 6Page - STMicroelectronics TN0047 Datasheet HTML 7Page - STMicroelectronics TN0047 Datasheet HTML 8Page - STMicroelectronics TN0047 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
July 2007
Rev 1
1/9
TN0047
Technical note
LRI2K, an RFID IC with EAS and privacy protection
for smart library labels
Introduction
The purpose of this technical note is to show that the LRI2K RFID IC is particularly suited to
library label applications. The LRI2K is a 2048-bit EEPROM tag IC that operates at a
frequency of 13.56 MHz. It is delivered in wafer form by STMicroelectronics to its partners
who can then offer it in different library label forms: 45 × 75 mm or 50 × 50 mm inlay, 35 mm
diameter antenna (see Figure 1 for an illustration).
The LRI2K’s main features relevant for library label applications are the following:
Standard compliance
– ISO15693
– ISO18000-3 Mode 1
– 13.56 MHz ISM (industrial, medical and scientific) band
User data
– True 2048-bit user memory with write protection capability
Configuration data
– 64-bit unique identifier (UID)
– 8-bit AFI (EAS support)
– 8-bit DSFID
– 32-bit Kill password
Security
– 64-bit unique identifier (UID)
– EAS (electronic article surveillance) based on AFI (application family identifier)
security mechanism
– Write protection mechanism for each user memory block
– Write protection mechanism for AFI/EAS, DSFID
– Password protected Kill function (consumer privacy protection)
Performance
– Best-in-class Read/Write range
– Fast inventory and data transfer mode
– Fast programming time
– up to 1 000 000 Write cycles
– 40-year data retention guaranteed
Library standard
– Compliant with ISO TC46/SC4
– AFI-based security solution for EAS
– Meets the emerging NISO (US national information standards organization) data
model standard for libraries
– Multiple media format code identifier for books, DVDs, tapes, journals or any other
library items
www.st.com


同様の部品番号 - TN0047

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TN0018 STMICROELECTRONICS-TN0018 Datasheet
224Kb / 9P
Surface mounting guidelines for MEMS sensors
24-Mar-2014
logo
Bothhand USA, LP.
TN0023 BOTHHAND-TN0023 Datasheet
176Kb / 1P
10/100 BASE -T MAGNETICS MODULES
logo
STMicroelectronics
TN0023 STMICROELECTRONICS-TN0023 Datasheet
70Kb / 7P
Discontinuous flyback transformer
03-Aug-2012
TN0024 STMICROELECTRONICS-TN0024 Datasheet
140Kb / 11P
Power supply HOLD-UP time
08-Feb-2007
TN0025 STMICROELECTRONICS-TN0025 Datasheet
94Kb / 7P
LED balancing circuit with power limit
05-Apr-2007
More results

同様の説明 - TN0047

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TMD26721 ETC2-TMD26721 Datasheet
1Mb / 29P
The technical content of this TAOS datasheet is still valid
TMD27711 ETC2-TMD27711 Datasheet
1Mb / 33P
The technical content of this TAOS datasheet is still valid
logo
STMicroelectronics
TN1189 STMICROELECTRONICS-TN1189 Datasheet
165Kb / 4P
The purpose of this technical note
05-Aug-2014
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
The purpose of this document is to describe
02-May-2012
AN2482 STMICROELECTRONICS-AN2482 Datasheet
865Kb / 18P
The purpose of this document
08-Feb-2006
AN2394 STMICROELECTRONICS-AN2394 Datasheet
163Kb / 13P
The purpose of this application note
06-Dec-2007
AN3171 STMICROELECTRONICS-AN3171 Datasheet
141Kb / 14P
The purpose of this application
08-Mar-2010
AN4013 STMICROELECTRONICS-AN4013 Datasheet
519Kb / 37P
The purpose of this document
28-Jan-2015
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
The purpose of this document is to describe the design of the application
17-Nov-2014
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
The purpose of this document is to describe the design of the application
04-Mar-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com