| データシートサーチシステム |
|
TN0047 データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TN0047 データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 9 page ![]() TN0047 - Technical note Commands 5/9 3 Commands The LRI2K supports the following commands that are useful in library label applications. 3.1 ISO 15693 & IS01 8000-3 Mode 1 commands (as defined in ISO 15693 & IS01 8000-3 Mode 1) ● Inventory ● Stay Quiet ● Read Single Block ● Write Single Block ● Lock Block ● Read Multiple Blocks ● Select ● Reset to Ready ● Write AFI ● Lock AFI ● Write DSFID ● Lock DSFID ● Get System Info ● Get Multiple Block Security Status 3.2 ISO 15693 & IS01 8000-3 Mode 1 AFI-based EAS implementations ● Set EAS ● Reset EAS ● Lock EAS ● EAS Alarm |