| データシートサーチシステム |
|
UM0248 データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0248 データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 26 page ![]() UM0248 ENET firmware library 13/26 2.2.2 ENET_SetOperatingMode Example: /* Configuration to operate at 100Mb/s in Full Duplex mode */ ENET_SetOperatingMode(FULLDUPLEX_100M); /* Use the Auto-Negotiation process to set the operationg mode */ ENET_SetOperatingMode(AUTO_NEGOTIATION); 2.2.3 ENET_MIIWriteReg Function name ENET_SetOperatingMode Function prototype void ENET_SetOperatingMode(u32 ENET_OperatingMode) Behavior description Sets the operating mode (Speed and Duplex) Input parameter ENET_OperationMode: Refer to Table 5: ENET_IT parameter values the allowed values of this parameter. Output parameter None Return parameter None Required preconditions None Called functions ENET_MIIReadReg ENET_MIIWriteReg Table 4. ENET_OperatingMode paramter values Value Meaning AUTO_NEGOTIATION Auto-Negotiation FULLDUPLEX_100M Full duplex 100Mb/s HALFDUPLEX_100M Half duplex 100Mb/s FULLDUPLEX_10M Full duplex 10Mb/s HALFDUPLEX_10M Half duplex 10Mb/s Function name ENET_MIIWriteReg Function prototype void ENET_MIIWriteReg(u8 phyDev, u8 phyReg, u32 phyVal) Behavior description Writes a value in PHY register Input parameter 1 phyDev: PHY register address Input parameter 2 phyReg: register address Input parameter 3 phyVal: register value to write Output parameter None Return parameter None Required preconditions None Called functions None |