| データシートサーチシステム |
|
UM0248 データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0248 データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 26 page ![]() ENET firmware library UM0248 22/26 2.2.20 ENET_PHYPowerdown 2.2.21 ENET_PHYLoopBack 2.2.22 ENET_PHYReset Function name ENET_PHYPowerdown Function prototype u32 ENET_PHYPowerdown(u8 phyDev, FunctionalState NewState) Behavior description Enable or disable the power down mode of the PHY device Input parameter 1 phyDev: specifies the PHY device address Input parameter 2 NewState: new state of the PHY power mode Output parameter None Return parameter None Required preconditions None Called functions ENET_MIIReadReg ENET_MIIWriteReg Function name ENET_PHYLoopBack Function prototype u32 ENET_PHYLoopBack(u8 phyDev, FunctionalState NewState) Behavior description Enable or disable the loop-back mode of the PHY device Input parameter 1 phyDev: specifies the PHY device address Input parameter 2 NewState: new state of the PHY power mode Output parameter None Return parameter None Required preconditions None Called functions ENET_MIIReadReg ENET_MIIWriteReg Function name ENET_PHYReset Function prototype u32 ENET_PHYReset(u8 phyDev) Behavior description PHY device software reset Input parameter phyDev: specifies the PHY device address Output parameter None Return parameter None Required preconditions None Called functions ENET_MIIWriteReg |