データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0324 データシート(PDF) 89 Page - STMicroelectronics

部品番号 UM0324
部品情報  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 データシート(HTML) 89 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 85Page - STMicroelectronics UM0324 Datasheet HTML 86Page - STMicroelectronics UM0324 Datasheet HTML 87Page - STMicroelectronics UM0324 Datasheet HTML 88Page - STMicroelectronics UM0324 Datasheet HTML 89Page - STMicroelectronics UM0324 Datasheet HTML 90Page - STMicroelectronics UM0324 Datasheet HTML 91Page - STMicroelectronics UM0324 Datasheet HTML 92Page - STMicroelectronics UM0324 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 105 page
background image
UM0324
Library functions
89/105
To disable the linear curve computation routine in 75x_TBtimer:
void TB_IRQHandler(void)
{
[…]
if(State == RUN)
{
if ((wGlobal_Flags & CLOSED_LOOP) == CLOSED_LOOP)
{
[…]
//PID_Speed_Coefficients_update(hRot_Freq_Hz); //to be commented out
[…]
}
4.9
Main interrupt service routines: 75x_it module
4.9.1
Overview
The 75x_it module can be used to describe all the exception subroutines that might occur
within your application. When an interrupt happens, the software will automatically branch to
the corresponding routine accordingly with the interrupt vector table.
With the exception of the ADC and PWM emergency stop interrupt requests, all the routines
are empty, so that you can write your own code for exceptios handlers and peripheral
interrupt requests.
4.9.2
List of non-empty interrupt service routines
As mentioned above only two interrupts are managed by motor control tasks:
●
PWM_EM_IRQHandler on page 89
●
ADC_IRQHandler on page 90
PWM_EM_IRQHandler
Synopsis
void PWM_EM_IRQHandler(void)
Description
The purpose of this function is to manage an Emergency Stop
signal on the dedicated emergency pin. In particular, PWM outputs
are disabled, the main state machine is put into FAULT state.
Input
None.
Returns
None.
Functions called
PWM_ClearFlag, PWM_ITConfig
See also
Synchronizable PWM Timer section in STR750 Reference manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More