| データシートサーチシステム |
|
UM0324 データシート(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0324 データシート(HTML) 48 Page - STMicroelectronics |
|
48 / 105 page ![]() Library functions UM0324 48/105 Figure 29. DT+TN+TS < Low side Phase A duty cycle < DT+TN+2TS+TH+TDMA and ΔDutyA-B>DT+TN+TS Case 3: Phase A pulse width < DT+TN+TS In this case, the duty cycle applied to Phase A is so short that no current sampling can be performed in between the two low side commutations. Then if the difference of duty cycles between Phase B and A is long enough to allow two A/D conversions to be performed between Phase B low side switch on and Phase A high side switch off, the strategy shown in Figure 31 is used. Figure 30. Low side duty cycle Phase A < DT+TN+TS and ΔDutyA-B > DT+TN+2TS+TH+TDMA |