データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RM0319 データシート(PDF) 361 Page - STMicroelectronics

部品番号 RM0319
部品情報  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 データシート(HTML) 361 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 357Page - STMicroelectronics RM0319 Datasheet HTML 358Page - STMicroelectronics RM0319 Datasheet HTML 359Page - STMicroelectronics RM0319 Datasheet HTML 360Page - STMicroelectronics RM0319 Datasheet HTML 361Page - STMicroelectronics RM0319 Datasheet HTML 362Page - STMicroelectronics RM0319 Datasheet HTML 363Page - STMicroelectronics RM0319 Datasheet HTML 364Page - STMicroelectronics RM0319 Datasheet HTML 365Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 368 page
background image
RM0319
Interrupt request table
Doc ID 022640 Rev 3
361/368
Appendix A
Interrupt request table
Table 125.
Interrupt requests
Interrupt sources
IRQ #
Reserved
0
CAN0/1, UART1/2/3/4/5/6, RS485, SSP1/2,
MACB, I2C1/2 (Generic Interrupt #3 from RAS)
1
GPT Timer 0_1
2
GPT Timer 0_2
3
GPT Timer 1_1
4
GPT Timer 1_2
5
GPT Timer 2_1
6
GPT Timer 2_2
7
DMA
8
SMI
9
RTC
10
GPIO
11
WD
12
DDR Controller
13
System Error
14
RCG
15
JPEG
16
IrDA
17
ADC
18
UART0
19
SSP0
20
I2C0
21
MII0 Ethernet MAC / Power Management Event
22
MII0 Ethernet MAC
23
USB Device
24
USB Host 1 OHCI
25
USB Host EHCI
26
USB Host 2 OHCI
27
CLCD, SPP, EMI (Generic Interrupt #0 from RAS) 28
MMC-SD/SDIO (Generic Interrupt #1 from RAS)
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More