| データシートサーチシステム |
|
RM0319 データシート(PDF) 363 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 データシート(HTML) 363 Page - STMicroelectronics |
|
363 / 368 page ![]() RM0319 Acronyms Doc ID 022640 Rev 3 363/368 Appendix B Acronyms The table below contains the acronyms and abbreviations used in this document. Table 126. Acronyms Acronym Definition ADC Analog to digital convertor AFE Analog front end ALU Arithmetic logic unit ASIC Application specific integrated circuit AS Application subsystem AMBA Advanced microcontroller bus architecture AHB AMBA high speed bus APB Advanced peripheral bus AES Advanced encryption standard BIST Built-In self test BS Basic subsystem CMOS Complimentary metal-oxide semiconductor CRC Cyclic redundancy check CBC Cipher block chaining CTR Counter DAC Digital to analog convertor DLL Data link layer DMA Direct memory access DDR Double data rate DES Data encryption standard EMI Extended memory interface ECB Electronic code book FIFO First-in-first-out FPGA Field programmable gate array FSMC Flexible static memory controller GPIO General purpose input output HMI Human-machine interface HS High speed subsystem IEEE Institute of electrical and electronics engineers ISO Isochronous; International organization for standardization JPEG Joint photographic experts group |