データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0842 データシート(PDF) 23 Page - STMicroelectronics

部品番号 UM0842
部品情報  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 データシート(HTML) 23 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 19Page - STMicroelectronics UM0842 Datasheet HTML 20Page - STMicroelectronics UM0842 Datasheet HTML 21Page - STMicroelectronics UM0842 Datasheet HTML 22Page - STMicroelectronics UM0842 Datasheet HTML 23Page - STMicroelectronics UM0842 Datasheet HTML 24Page - STMicroelectronics UM0842 Datasheet HTML 25Page - STMicroelectronics UM0842 Datasheet HTML 26Page - STMicroelectronics UM0842 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
UM0842
Connectors
Doc ID 16542 Rev 4
23/50
6.11
RS-232/UART2 DB9 plug connector (CN14)
Figure 18.
RS-232/UART2 DB9 plug connector (CN14) pinout
6.12
RS-232/UART1 DB9 plug connector (CN15)
Figure 19.
RS-232/UART1 DB9 plug connector (CN15) pinout
Table 21.
RS-232/UART0 DB9 plug connector (CN13) description
Pin
Description
Pin
Description
1
UART0_DCD
6
UART0_DSR
2
UART0_RX
7
UART0_RTS
3
UART0_TX
8
UART0_CTS
4
UART0_DTR
9
UART0_RI
5GND
Table 22.
RS-232/UART2 DB9 plug connector (CN14) description
Pin
Description
Pin
Description
1
NC (R79 can interconnect this pin with
pins 4 and 6)
6
Connected to pin 4
2
UART2_RX
7
Connected to pin 8
3
UART2_TX
8
Connected to pin 7
4
Connected to pin 6
9
NC
5GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50