データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM0842 データシート(PDF) 31 Page - STMicroelectronics

部品番号 UM0842
部品情報  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 データシート(HTML) 31 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 27Page - STMicroelectronics UM0842 Datasheet HTML 28Page - STMicroelectronics UM0842 Datasheet HTML 29Page - STMicroelectronics UM0842 Datasheet HTML 30Page - STMicroelectronics UM0842 Datasheet HTML 31Page - STMicroelectronics UM0842 Datasheet HTML 32Page - STMicroelectronics UM0842 Datasheet HTML 33Page - STMicroelectronics UM0842 Datasheet HTML 34Page - STMicroelectronics UM0842 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
UM0842
CPU board hardware description
Doc ID 16542 Rev 4
31/50
A.3
CPU board switch and jumper settings
A.3.1
Switch 1 settings
Note:
When Switch SW1-x is in the ON position, the bit value is ’0’. When Switch 1 is in the OFF
position, the bit value is ’1’.
Bits 3, 4, 5 and 6 allow you to set the Functional configuration. The default configuration is
Configuration 3
. For other configurations, please refer to the SPEAr320 user manual
available on www.st.com/spear.
Table 30.
Switch 1 (SoC functional configuration)
Bit
Description
1
Test – see Debug configuration below
2
Reserved
3
Reserved
4
Reserved
5
Reserved
6
BootSel – see Debug configuration below
Table 31.
Switch 1 (debug configuration)
Test bit
Debug configuration
21
0
0
Normal Mode (No debug enabled)
0
1
ARM1 JTAG connected to J4
10
Reserved
Table 32.
Switch 1 (functional configuration)
Test bit
Functional configuration
6543
1011
Configuration 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50