データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4141 データシート(PDF) 12 Page - STMicroelectronics

部品番号 AN4141
部品情報  Migration and compatibility guidelines for STM32W108xx microcontroller applications based on the HAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4141 データシート(HTML) 12 Page - STMicroelectronics

Back Button AN4141 Datasheet HTML 8Page - STMicroelectronics AN4141 Datasheet HTML 9Page - STMicroelectronics AN4141 Datasheet HTML 10Page - STMicroelectronics AN4141 Datasheet HTML 11Page - STMicroelectronics AN4141 Datasheet HTML 12Page - STMicroelectronics AN4141 Datasheet HTML 13Page - STMicroelectronics AN4141 Datasheet HTML 14Page - STMicroelectronics AN4141 Datasheet HTML 15Page - STMicroelectronics AN4141 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
STM32W108xx packages
AN4141
12/42
DocID023425 Rev 2
2
STM32W108xx packages
For better flexibility and improved structure purposes, the ST SimpleMAC V 1.1.0 package
and the ST ZigBee RF4CE V 1.2.0 package are updated to support the new STM32W108xx
standard library package and the CMSIS package.
2.1
SimpleMAC package
Figure 3 illustrates the new SimpleMAC package architecture.
Figure 3. SimpleMAC package structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42