データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4141 データシート(PDF) 30 Page - STMicroelectronics

部品番号 AN4141
部品情報  Migration and compatibility guidelines for STM32W108xx microcontroller applications based on the HAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4141 データシート(HTML) 30 Page - STMicroelectronics

Back Button AN4141 Datasheet HTML 26Page - STMicroelectronics AN4141 Datasheet HTML 27Page - STMicroelectronics AN4141 Datasheet HTML 28Page - STMicroelectronics AN4141 Datasheet HTML 29Page - STMicroelectronics AN4141 Datasheet HTML 30Page - STMicroelectronics AN4141 Datasheet HTML 31Page - STMicroelectronics AN4141 Datasheet HTML 32Page - STMicroelectronics AN4141 Datasheet HTML 33Page - STMicroelectronics AN4141 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
HAL to StdPeriph_Lib list of changes
AN4141
30/42
DocID023425 Rev 2
3.3.8
GPIO
The STM32W108 has 24 multi-purpose GPIO pins that may be individually configured as
Input, Output, Analog or Alternate.
To migrate to StdPeriph_Driver, the GPIO registers are split into registers for GPIO and
others for external interrupts EXTI.
The following table provides an overview of the HAL vs StdPeriph functions that enable a
standard use of the GPIO features. The StdPeriph functions provide an equivalent for HAL
code providing the same functionality.
Table 16. STM32W108xx DMA driver overview
StdPeriph_Driver API
Functionality description
SC_DMA_ChannelReset()
Resets the specified SCx_DMA Channely buffer addresses
SC_DMA_Init()
Initializes the SCx_DMA Channely according to the specified
parameters in the DMA_InitStruct
SC_DMA_StructInit()
Fills each DMA_InitStruct member with its default value
SC_DMA_ChannelLoadEnable()
Loads and enables the specified SCx_DMA Channelxy buffer
addresses
SC_DMA_ITConfig()
Enables or disables the specified SCx_DMA interrupts
SC_DMA_GetCounter()
Returns the most recent value for the specific SCx_DMA
counter register
SC_DMA_GetReceiverErrorOffset() Returns the specified SCx_DMA receive error register
SC_DMA_GetFlagStatus()
Checks whether the specified DMA flag is set or not
SC_DMA_GetITStatus()
Checks whether the specified SCx_DMA pending interrupt is
set or not
SC_DMA_ClearITPendingBit()
Clears the SCx_DMA interrupt pending bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42