データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4286 データシート(PDF) 13 Page - STMicroelectronics

部品番号 AN4286
部品情報  SPI protocol used in the STM32 bootloader
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4286 データシート(HTML) 13 Page - STMicroelectronics

Back Button AN4286 Datasheet HTML 9Page - STMicroelectronics AN4286 Datasheet HTML 10Page - STMicroelectronics AN4286 Datasheet HTML 11Page - STMicroelectronics AN4286 Datasheet HTML 12Page - STMicroelectronics AN4286 Datasheet HTML 13Page - STMicroelectronics AN4286 Datasheet HTML 14Page - STMicroelectronics AN4286 Datasheet HTML 15Page - STMicroelectronics AN4286 Datasheet HTML 16Page - STMicroelectronics AN4286 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Bootloader command set
AN4286
13/38
DocID024458 Rev 2
Figure 9. Get Version: slave side
2.4
Get ID command
The Get ID command is used to get the version of the chip ID (identification). When the
bootloader receives the command, it transmits the product ID to the master.
The STM32 slave sends the bytes as follows.
•
Byte 1: ACK
•
Byte 2: N = the number of bytes – 1 (N = 1), except for current byte and ACKs.
•
Bytes 3-4: PID
–
byte 3 = MSB
–
byte 4 = LSB
•
Byte 5: ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38