データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4286 データシート(PDF) 31 Page - STMicroelectronics

部品番号 AN4286
部品情報  SPI protocol used in the STM32 bootloader
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4286 データシート(HTML) 31 Page - STMicroelectronics

Back Button AN4286 Datasheet HTML 27Page - STMicroelectronics AN4286 Datasheet HTML 28Page - STMicroelectronics AN4286 Datasheet HTML 29Page - STMicroelectronics AN4286 Datasheet HTML 30Page - STMicroelectronics AN4286 Datasheet HTML 31Page - STMicroelectronics AN4286 Datasheet HTML 32Page - STMicroelectronics AN4286 Datasheet HTML 33Page - STMicroelectronics AN4286 Datasheet HTML 34Page - STMicroelectronics AN4286 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Bootloader command set
AN4286
31/38
DocID024458 Rev 2
Figure 23. Write Unprotect command: slave side
2.11
Readout Protect command
The Readout Protect command is used to enable the Flash memory read protection. When
the bootloader receives the Readout Protect command, it transmits the ACK byte to the
master. After transmission of the ACK byte, the bootloader enables the read protection for
the Flash memory.
At the end of the Readout Protect command, the bootloader transmits the ACK byte and
generates a system reset to take into account the new configuration of the option byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38