データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1632 データシート(PDF) 13 Page - STMicroelectronics

部品番号 UM1632
部品情報  STM8L DALI slave interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1632 データシート(HTML) 13 Page - STMicroelectronics

Back Button UM1632 Datasheet HTML 9Page - STMicroelectronics UM1632 Datasheet HTML 10Page - STMicroelectronics UM1632 Datasheet HTML 11Page - STMicroelectronics UM1632 Datasheet HTML 12Page - STMicroelectronics UM1632 Datasheet HTML 13Page - STMicroelectronics UM1632 Datasheet HTML 14Page - STMicroelectronics UM1632 Datasheet HTML 15Page - STMicroelectronics UM1632 Datasheet HTML 16Page - STMicroelectronics UM1632 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
DocID024513 Rev 1
13/32
UM1632
Function description
void check_interface_failure(void)
This function:
Checks the presence of the DALI bus idle voltage (500 ms disconnection from the DALI
bus)
Calls error callback function if an error occurs
u8 get_timer_count(void)
This function:
Returns the current systick timer content
Is for general purpose use; for example, random number generation
u8 get_flag(void)
This function:
Returns the current DALI I/O driver state (receiving/transmitting)
3.2
DALI stack layer functions
The DALI stack layer implements all DALI commands processed on the logical level
according to the DALI specification.
3.2.1
dali.c
These main files contain the most commonly used functions called from the user
application. Functions include initialization of the entire DALI slave library, DALI slave library
event flag signaling, command execution calls and reporting of user hardware error.
Table 8. Void DALI_Init(LightControlFunction)
Function name
DALI_Init
Description
This function:
Initializes the entire DALI slave library (both I/O pin driver layer and
DALI stack layer. It is called from the user application as the main
initialization function.
Initializes all necessary modules of the DALI slave library
Starts execution of receiving commands from the DALI bus, timing
management, callback calls and setting of event flags.
Input Parameter
LightControlFunction
Output Parameter
None
Return
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32