データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1632 データシート(PDF) 22 Page - STMicroelectronics

部品番号 UM1632
部品情報  STM8L DALI slave interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1632 データシート(HTML) 22 Page - STMicroelectronics

Back Button UM1632 Datasheet HTML 18Page - STMicroelectronics UM1632 Datasheet HTML 19Page - STMicroelectronics UM1632 Datasheet HTML 20Page - STMicroelectronics UM1632 Datasheet HTML 21Page - STMicroelectronics UM1632 Datasheet HTML 22Page - STMicroelectronics UM1632 Datasheet HTML 23Page - STMicroelectronics UM1632 Datasheet HTML 24Page - STMicroelectronics UM1632 Datasheet HTML 25Page - STMicroelectronics UM1632 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Application setup
UM1632
22/32
DocID024513 Rev 1
Figure 7. Schematic of connector J2
5.
Connect the STM8L1526-EVAL board to any USB (no SW or driver installation
required, it is only used as the supply for basic evaluation).
Figure 8. STM8L1526-EVAL board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32