| データシートサーチシステム |
|
UM1653 データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1653 データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 45 page ![]() NAND driver firmware modules UM1653 24/45 DocID025024 Rev 1 Table 23. NAND_GarbageCollection Function name NAND_GarbageCollection. Prototype uint16_t NAND_GarbageCollection(void) Behavior description Erases Blocks every time the write operation is stopped. Input parameter None Output parameter Status of NAND Garbage collection. This parameter can be: – NAND_OK: when the NAND Garbage collection is successful – NAND_FAIL: when NAND fails to Garbage collection. Table 24. NAND_UpdateWearLevelCounter Function name NAND_UpdateWearLevelCounter. Prototype uint16_t NAND_UpdateWearLevelCounter (NAND_ADDRESS Address) Behavior description Increments the value of Wear Level counter after every erase. Input parameter Address: Logical Address. Output parameter Status of NAND Update Wear Level. This parameter can be: – NAND_OK: when the NAND Update Wear Level is successful – NAND_FAIL: when NAND fails to Update Wear Level. Table 25. NAND_ConvertPhyAddress Function name NAND_ConvertPhyAddress. Prototype NAND_ADDRESS NAND_ConvertPhyAddress (uint32_t Address) Behavior description Converts Memory Offset into Physical Address. Input parameter Address: Memory Offset in Multiple of 512B(0,512/512,1024/512...). Output parameter Physical Address. Table 26. NAND_BuildLUT Function name NAND_BuildLUT. Prototype uint16_t NAND_BuildLUT (uint8_t Zone) Behavior description Builds the Look Up Table. Input parameter ZoneNbr: The Zone Number. Output parameter Status of NAND Build Look Up Table. This parameter can be: – NAND_OK: when the NAND Build Look Up Table is successful – NAND_FAIL: when NAND fails to Build Look Up Table. |