データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1653 データシート(PDF) 33 Page - STMicroelectronics

部品番号 UM1653
部品情報  STM32 Advanced NAND Flash Driver for SLC NAND
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1653 データシート(HTML) 33 Page - STMicroelectronics

Back Button UM1653 Datasheet HTML 29Page - STMicroelectronics UM1653 Datasheet HTML 30Page - STMicroelectronics UM1653 Datasheet HTML 31Page - STMicroelectronics UM1653 Datasheet HTML 32Page - STMicroelectronics UM1653 Datasheet HTML 33Page - STMicroelectronics UM1653 Datasheet HTML 34Page - STMicroelectronics UM1653 Datasheet HTML 35Page - STMicroelectronics UM1653 Datasheet HTML 36Page - STMicroelectronics UM1653 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
DocID025024 Rev 1
33/45
UM1653
NAND driver firmware modules
44
Table 54. FSMC_SBLK_NAND_SendAddress
Function name
FSMC_SBLK_NAND_SendAddress.
Prototype
void FSMC_SBLK_NAND_SendAddress(NAND_ADDRESS Addr)
Behavior description
Sends the address for Small Block NAND.
Input parameter
Addr: NAND_ADRESS to be sent.
Output parameter
None.
Table 55. FSMC_LBLK_NAND_SendAddress
Function name
FSMC_LBLK_NAND_SendAddress.
Prototype
void FSMC_LBLK_NAND_SendAddress(uint32_t row,
uint32_t column)
Behavior description
Sends the row & column address for Large Block NAND.
Input parameter
row: Row Address.
column: Column address.
Output parameter
None.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45