| データシートサーチシステム |
|
UM1657 データシート(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1657 データシート(HTML) 45 Page - STMicroelectronics |
|
45 / 48 page ![]() DocID025094 Rev 1 45/48 UM1657 SPIRIT1 driver and example programs 48 5 SPIRIT1 driver and example programs The installed software package contains also support for SPIRIT1 firmware development. The directory tree includes: SPIRIT1 driver in source form for STM32L Example IAR projects for STM32L in: – ...\Firmware\SPIRIT1_Library_Project\IAR\Spirit_Library_Project.eww Associated documentation in: – ...\Documents In order to use or modify the example project, it is required to have installed IAR Embedded Workbench for ARM v6.40 and a JTAG interface like: ST-LINK Or IAR JLink |