データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4570 データシート(PDF) 37 Page - STMicroelectronics

部品番号 AN4570
部品情報  This application note describes how to use the high-density
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4570 データシート(HTML) 37 Page - STMicroelectronics

Back Button AN4570 Datasheet HTML 33Page - STMicroelectronics AN4570 Datasheet HTML 34Page - STMicroelectronics AN4570 Datasheet HTML 35Page - STMicroelectronics AN4570 Datasheet HTML 36Page - STMicroelectronics AN4570 Datasheet HTML 37Page - STMicroelectronics AN4570 Datasheet HTML 38Page - STMicroelectronics AN4570 Datasheet HTML 39Page - STMicroelectronics AN4570 Datasheet HTML 40Page - STMicroelectronics AN4570 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
DocID026804 Rev 1
37/46
AN4570
Interfacing with an 8-bit NAND Flash memory
45
/* Includes ---------------------------------------------------------------
---*/
#include "stm32f3xx_hal.h"
/* Private define ---------------------------------------------------------
---*/
#define NAND_DEVICE_ADDR
((uint32_t)0x70000000)
#define BUFFER_SIZE
((uint32_t)16)
#define WRITE_READ_ADDR
((uint32_t)0x20800)
#define
NAND_OK
0x00
#define
NAND_ERROR
0x01
/* Private variables ------------------------------------------------------
---*/
static NAND_HandleTypeDef nandHandle;
static FMC_NAND_PCC_TimingTypeDef Timing;
static NAND_IDTypeDef NAND_ID;
static uint8_t nand_aTxBuffer[BUFFER_SIZE] = {0x00, 0x01, 0x02, 0x03,
0x04, 0x05, 0x06, 0x07,
0x08, 0x09, 0x0A, 0x0B,
0x0C, 0x0D, 0x0E, 0x0F};
static uint8_t nand_aRxBuffer[BUFFER_SIZE]= {0};
/* Private function prototypes --------------------------------------------
---*/
extern int main_NAND(void);
int main_NAND(void)
{
NAND_AddressTypedef Address;
nandHandle.Instance
= FMC_NAND_DEVICE;
/*##-1- Configure the NAND device
###########################################*/
/*NAND Configuration */
Timing.SetupTime
= 0;
Timing.WaitSetupTime = 2;
Timing.HoldSetupTime = 1;
Timing.HiZSetupTime
= 0;
nandHandle.Init.NandBank
= FMC_NAND_BANK2;
nandHandle.Init.Waitfeature
= FMC_NAND_PCC_WAIT_FEATURE_ENABLE;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46