データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4631 データシート(PDF) 9 Page - STMicroelectronics

部品番号 AN4631
部品情報  How to calibrate an STM32L0xx internal RC oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4631 データシート(HTML) 9 Page - STMicroelectronics

Back Button AN4631 Datasheet HTML 5Page - STMicroelectronics AN4631 Datasheet HTML 6Page - STMicroelectronics AN4631 Datasheet HTML 7Page - STMicroelectronics AN4631 Datasheet HTML 8Page - STMicroelectronics AN4631 Datasheet HTML 9Page - STMicroelectronics AN4631 Datasheet HTML 10Page - STMicroelectronics AN4631 Datasheet HTML 11Page - STMicroelectronics AN4631 Datasheet HTML 12Page - STMicroelectronics AN4631 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
DocID027266 Rev 2
9/30
Internal RC oscillator calibration
29
Figure 3 below shows MSI behavior at range 6 (4194304 Hz) versus MSICAL[7:0].
Figure 3. MSI trimming behavior
Note the negative steps when the two MSB bits change from “00” to “01”, from “01” to “10”
and from “10” to “11”. The change of the six LSBs leads to fine-tuning of around 0.5% per
step.
For the HSI48 oscillator, the calibration value is loaded in HSI48CAL[7:0] bits after reset. Six
trimming bits TRIM [5:0] (in CRS control register) are used for fine-tuning. The default
trimming value is 32. An increase/decrease in this trimming value causes an
increase/decrease in HSI48 frequency.
The HSI48 oscillator is fine-tuned in steps of 1% (around 67 kHz).
•
Writing a trimming value, in the range of 33 to 63, increases the HSI48 frequency.
•
Writing a trimming value, in the range of 0 to 31, decreases the HSI48 frequency.
•
Writing a trimming value, equal to 32, causes the HSI48 frequency to keep its default
value.
Figure 4 shows the HSI48 oscillator behavior versus the calibration value. The HSI48
oscillator frequency increases with the calibration value (calibration value = default
HSI48CAL[7:0] + TRIM[5:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com