データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AN4631 データシート(PDF) 5 Page - STMicroelectronics

部品番号 AN4631
部品情報  How to calibrate an STM32L0xx internal RC oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4631 データシート(HTML) 5 Page - STMicroelectronics

  AN4631 Datasheet HTML 1Page - STMicroelectronics AN4631 Datasheet HTML 2Page - STMicroelectronics AN4631 Datasheet HTML 3Page - STMicroelectronics AN4631 Datasheet HTML 4Page - STMicroelectronics AN4631 Datasheet HTML 5Page - STMicroelectronics AN4631 Datasheet HTML 6Page - STMicroelectronics AN4631 Datasheet HTML 7Page - STMicroelectronics AN4631 Datasheet HTML 8Page - STMicroelectronics AN4631 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
DocID027266 Rev 2
5/30
STM32L0xx system clock
29
1
STM32L0xx system clock
The STM32L0xx microcontroller family has various clock sources that can be used to drive
the system clock:
•
16 MHz High-Speed Internal (HSI16) RC oscillator clock
•
1 to 32 MHz High-Speed External (HSE) oscillator clock
•
65.5 kHz to 4.2 MHz Multi-Speed Internal (MSI) RC oscillator clock
•
2 to 32 MHz Phase-Locked Loop (PLL) that is clocked by HSI16 or HSE oscillators
The High-Speed Internal (HSI16) RC oscillator typically has a frequency of 16 MHz and
consumes 100 µA.
The Multi-Speed Internal (MSI) RC oscillator provides seven frequency ranges: 65.5 kHz,
131 kHz, 262 kHz, 524 kHz, 1.05 MHz, 2.1 MHz (default value) and 4.2 MHz. It is designed
to operate with a current proportional to the frequency (refer to the product datasheet for
more details about MSI power consumption versus selected range), so as to minimize the
internal oscillator consumption when the CPU runs at low frequencies. The MSI clock is
used as a system clock after restart from Reset and wake-up from standby. After wake-up
from stop mode, the MSI clock can be selected as system clock instead of HSI16 (or
HSI16/4).
The HSI48 clock signal is generated from an internal 48 MHz RC oscillator and can be used
directly for USB and for random number generator.
The internal RC oscillators (HSI16, MSI and HSI48) have the advantage of providing a low-
cost clock source (no external components required). It also has a faster startup time and
lower power consumption than the external oscillator. HSI16, MSI and HSI48 oscillators can
be calibrated to improve their accuracy. But even with calibration, the internal RC oscillator
frequency is less accurate than the frequency of an external crystal oscillator or ceramic
resonator (tens of ppm).
Note:
The internal RC oscillator MSI can also be used as a backup clock source (auxiliary clock) if
the external oscillator fails.
Figure 1. Simplified clock tree



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com