データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1870 データシート(PDF) 16 Page - STMicroelectronics

部品番号 UM1870
部品情報  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 データシート(HTML) 16 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 12Page - STMicroelectronics UM1870 Datasheet HTML 13Page - STMicroelectronics UM1870 Datasheet HTML 14Page - STMicroelectronics UM1870 Datasheet HTML 15Page - STMicroelectronics UM1870 Datasheet HTML 16Page - STMicroelectronics UM1870 Datasheet HTML 17Page - STMicroelectronics UM1870 Datasheet HTML 18Page - STMicroelectronics UM1870 Datasheet HTML 19Page - STMicroelectronics UM1870 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
GUI software description
UM1870
16/58
DocID027602 Rev 1
Figure 5. Command packet table
The command packet table contains four columns:
•
Parameter: name of the packet field as they are named in volume 2, part E of
Bluetooth specification.
•
Value: field value represented in hexadecimal format (right-click on a cell to change its
representation format).
•
Literal: meaning of the current field value.
•
Info: description of the corresponding field.
Only the yellow cells of this table can be modified by the user. The Parameter Total Length is
fixed or automatically calculated after modifying cell content.
After the fields have been modified (if required) the command can be sent using the Send
button.
HCI Packet history and details
At the bottom of the main window, two tables show packets sent to and received from the
BLE controller, as well as other events. The left table (sent/received packets) holds a history
of all packets (see Figure 6). The right one (packet details) shows all the details of the
selected packet as is done in the command packet table (Figure 6).
Figure 6. Packet history and details
Double-clicking on a row of the sent/received packets table shows the raw packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58