データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1870 データシート(PDF) 30 Page - STMicroelectronics

部品番号 UM1870
部品情報  BlueNRG-MS development kits
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1870 データシート(HTML) 30 Page - STMicroelectronics

Back Button UM1870 Datasheet HTML 26Page - STMicroelectronics UM1870 Datasheet HTML 27Page - STMicroelectronics UM1870 Datasheet HTML 28Page - STMicroelectronics UM1870 Datasheet HTML 29Page - STMicroelectronics UM1870 Datasheet HTML 30Page - STMicroelectronics UM1870 Datasheet HTML 31Page - STMicroelectronics UM1870 Datasheet HTML 32Page - STMicroelectronics UM1870 Datasheet HTML 33Page - STMicroelectronics UM1870 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
GUI software description
UM1870
30/58
DocID027602 Rev 1
1.
In the BlueNRG-MS GUI, Scripts window, Script Engine section, click on tab “…”,
browse to the script location and select the script
2.
Click on the “Run Script” tab to run the script. The execution flow (commands and
events) will be displayed in the BlueNRG-MS GUI “Sent/Received Packets” section
In the BlueNRG-MS DK 1.7.0 and future versions, some reference BlueNRG-MS scripts are
available in the GUI/scripts folder.
Note:
It is worthy of note that in order to write and use the BlueNRG-MS scripts, the user is
required to have some knowledge of the Python language (Python 2.7.6), and a good
understanding of the BlueNRG-MS ACI commands and related events. For a detailed
description of the BlueNRG-MS ACI commands and related events, refer to the BlueNRG-
MS Bluetooth LE stack application command interface (ACI) user manual UM1865.
3.2.4
GUI Beacon window
The BlueNRG-MS GUI Beacon window provides some tabs allowing configuration of a
BlueNRG-MS device as a BLE Beacon device which transmits advertising packets with
specific manufacturer data.
Figure 11. BlueNRG-MS GUI Beacon window
The user can configure the following advertising data fields for the BLE Beacon device,
through the BlueNRG-MS GUI Beacon window configuration parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58