データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISPMACH4ACPLDFAMILY データシート(PDF) 44 Page - Lattice Semiconductor

部品番号 ISPMACH4ACPLDFAMILY
部品情報  High Performance E 2 CMOS In-System Programmable Logic
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LATTICE [Lattice Semiconductor]
ホームページ  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPMACH4ACPLDFAMILY データシート(HTML) 44 Page - Lattice Semiconductor

Back Button ISPMACH4ACPLDFAMILY Datasheet HTML 40Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 41Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 42Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 43Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 44Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 45Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 46Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 47Page - Lattice Semiconductor ISPMACH4ACPLDFAMILY Datasheet HTML 48Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
44
ispMACH 4A Family
48-PIN TQFP CONNECTION DIAGRAM (M4A(3,5)-32/32 AND M4A(3,5)-64/32)
Top View
48-Pin TQFP
PIN DESIGNATIONS
CLK/I = Clock or Input
GND = Ground
I/O
= Input/Output
VCC
= Supply Voltage
NC
= No Connect
TDI
= Test Data In
TCK
= Test Clock
TMS
= Test Mode Select
TDO
= Test Data Out
I/O27
I/O26
I/O25
I/O24
TDO
GND
NC
CLK1/I1
TMS
I/O23
I/O22
I/O21
D3
D2
D1
D0
C0
C1
C2
B3
B2
B1
B0
B8
B9
B10
I/O5
I/O6
I/O7
TDI
CLK0/I0
NC
GND
TCK
I/O8
I/O9
I/O10
I/O11
A2
A1
A0
B0
B1
B2
B3
A2
A1
A0
A8
A9
A10
A11
1
2
3
4
5
6
7
8
9
10
11
12
33
34
35
36
32
31
30
29
28
27
26
25
M4A(3,5)-32/32
M4A(3,5)-32/32
M4A(3,5)-64/32
M4A(3,5)-64/32
M4A(3,5)-64/32
M4A(3,5)-64/32
I/O Cell
PAL Block
C7
17466G-028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62