| データシートサーチシステム |
|
ISPMACH4ACPLDFAMILY データシート(PDF) 33 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
ISPMACH4ACPLDFAMILY データシート(HTML) 33 Page - Lattice Semiconductor |
|
33 / 62 page ![]() ispMACH 4A Family 33 BLOCK DIAGRAM – M4A3-256/160, M4A3-256/192 Block B CLK0–CLK3 Block G Block J Block I Block H Block A Block O Block P Block C Block D Block E Block F Block N Block M Block L Block K I/O Cells Macrocells 72 X 98 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 72 X 98 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 72 X 98 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 72 X 98 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 72 X 98 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 72 X 98 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 72 X 98 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 72 X 98 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 72 X 98 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 72 X 98 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 72 X 98 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 72 X 98 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 72 X 98 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 72 X 98 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 72 X 98 AND Logic Array and Logic Allocator Output Switch Matrix I/O Cells Macrocells 72 X 98 AND Logic Array and Logic Allocator Output Switch Matrix 4 4 16 16 16 4 16 32 16 16 16 36 4 4 16 32 36 4 16 16 16 16 4 4 16 16 16 32 36 4 16 16 16 16 4 4 16 16 4 4 16 36 32 16 16 16 16 16 4 16 4 4 36 32 16 16 16 16 16 4 16 16 4 4 36 32 16 16 16 16 16 4 16 16 4 4 16 36 32 16 16 16 16 16 4 16 16 16 16 4 16 32 16 16 16 36 4 4 16 16 16 4 16 32 16 16 16 36 4 4 16 32 36 4 16 16 16 16 4 4 16 16 16 32 36 4 16 16 16 16 4 4 16 16 4 4 16 36 32 16 16 16 16 16 4 16 4 4 36 32 16 16 16 16 16 4 16 16 4 4 36 32 16 16 16 16 16 4 16 16 4 4 16 36 32 16 16 16 16 16 4 16 16 16 16 4 16 32 16 16 16 36 4 4 17466G-050 |