データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTC7652 データシート(PDF) 10 Page - Linear Technology

部品番号 LTC7652
部品情報  Zero-Drift Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LTC7652 データシート(HTML) 10 Page - Linear Technology

Back Button LTC7652_15 Datasheet HTML 6Page - Linear Technology LTC7652_15 Datasheet HTML 7Page - Linear Technology LTC7652_15 Datasheet HTML 8Page - Linear Technology LTC7652_15 Datasheet HTML 9Page - Linear Technology LTC7652_15 Datasheet HTML 10Page - Linear Technology LTC7652_15 Datasheet HTML 11Page - Linear Technology LTC7652_15 Datasheet HTML 12Page - Linear Technology LTC7652_15 Datasheet HTML 13Page - Linear Technology LTC7652_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC1052/LTC7652
10
1052fa
APPLICATIO S I FOR ATIO
When all of these errors are considered, it may seem
impossible to take advantage of the extremely low drift
specifications of the LTC1052. To show that this is not the
case, examine the temperature test circuit of Figure 3. The
lead lengths of the resistors connected to the amplifier’s
inputs are identical. The thermal capacity and thermal
resistance each input sees is balanced because of the
symmetrical connection of resistors and their identical
size. Thermal EMF-induced shifts are equal in phase and
amplitude, thus cancellation occurs.
Figure 4 shows the response of this circuit under
temperature transient conditions. Metal film resistors and
an 8-pin DIP socket were used. Care was taken in the
construction to thermally balance the inputs to the
amplifier. The units were placed in an oven and allowed to
stabilize at 25°C. The recording was started and after
100 seconds the oven, preset to 125°C, was switched on.
The test was first performed on an 8-pin plastic package
and then was repeated for a TO-5 package plugged into the
same test board. It is significant that the change in VOS,
even under these severe thermal transient conditions,
is quite good. As temperature stabilizes, note that the
steady-state change of VOS is well within the maximum
±0.05µV/°C drift specification.
Very slight air currents can still affect even this
arrangement. Figure 5 shows strip charts of output noise
both with the circuit covered and with no cover in “still” air.
This data illustrates why it is often prudent to enclose the
LTC1052 and its attendant components inside some form
of thermal baffle.
Figure 3. Offset Drift Test Circuit
Figure 4. Transient Response of Offset Drift Test Circuit with 100°C Temperature Step
0 MIN
25 MIN
20 MIN
5 MIN
10
0
0
10
OVEN SWITCHED
ON (25°C)
OVEN STABILIZED
AT 12 MIN
100 SECONDS/IN
25°C TO 125°C
PLASTIC
25°C TO 125°C
METAL CAN
±0.05µV/°C
±0.05µV/°C
0.1µF
0.1µF
50k
3
2
7
6
8
4
1
VOS • 1000
5V
LTC1052/7652 • AI04
100Ω
50k
–5V
0.1µF
LTC1052
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com