データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UVLED370-10E データシート(PDF) 4 Page - Roithner LaserTechnik GmbH

部品番号 UVLED370-10E
部品情報  UV LED 5 mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROITHNER [Roithner LaserTechnik GmbH]
ホームページ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVLED370-10E データシート(HTML) 4 Page - Roithner LaserTechnik GmbH

  UVLED370-10E Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 4Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 5Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
17.08.2010
uvled370_10e.doc
4 of 6
Reliability
1. Test items and result
Test Item
Standard Test
Methode
Test Conditions
Note
Number of
Damaged
Resostance to Soldering
Heat
JEITA ED-4701
300 302
Tsld=260 ± 5°C, 10sec
3mm from the base of the lead
1 time
0/50
Solderability
JEITA ED-4701
303 303A
Tsld=245 ± 5°C, 5sec
using flux
Lead-free Solder (Sn-3.0Ag-0.5CU)
1 time
over 95%
0/50
Temperature Cycle
JEITA ED-4701
100 105
-40°C ~ 25°C ~ 100°C ~ 25°C
30min. 5min. 30min. 5min.
100 cycles
0/50
Moisture Resistance
Cyclic
JEITA ED-4701
200 203
25°C ~ 65°C ~ -10°C
90%RH
24hrs./1 cycle
10 cycles
0/50
Terminal Strength
(bending test)
JEITA ED-4701
400 401
Load 5N (0.5kgf)
0°C ~ 90°C ~ 0°C bend 2 times
No
noticeable
damage
0/50
Terminal Strength
(pull test)
JEITA ED-4701
400 401
Load 10N (1kgf)
10 ± 1 sec.
No
noticeable
damage
0/50
High Temperature
Storage
JEITA ED-4701
200 201
Ta=100°C
1000 hrs.
0/50
Temperature Humidity
Storage
JEITA ED-4701
100 103
Ta=60°C, RH=90%
1000 hrs.
0/50
Low Temperature
Storage
JEITA ED-4701
200 202
Ta=-40°C
1000 hrs.
0/50
Steady State Operating
Life
IF=25mA, Ta=25°C
500 hrs.
0/50
Steady State Operating
Life of High Humidity
Heat
IF=15mA, 60°C, RH=90%
500 hrs.
0/50
Steady State Operating
Life of Low Temperature
IF=20mA, Ta=-30°C
1000 hrs.
0/50
2. Criteria for judging the damage
Criteria for Judgment
Item
Symbol
Test Conditions
Min.
Max.
Forward Voltage
VF
IF=20mA
-
U.S.L x 1.1
Optical Power Ouput
PO
IF=20mA
L.S.L x 0.7
-
* Note:
1. U.S.L: Upper Standard Level
2. L.S.L: Lower Standard Level



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com