データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UVLED370-10E データシート(PDF) 5 Page - Roithner LaserTechnik GmbH

部品番号 UVLED370-10E
部品情報  UV LED 5 mm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROITHNER [Roithner LaserTechnik GmbH]
ホームページ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

UVLED370-10E データシート(HTML) 5 Page - Roithner LaserTechnik GmbH

  UVLED370-10E Datasheet HTML 1Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 2Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 3Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 4Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 5Page - Roithner LaserTechnik GmbH UVLED370-10E Datasheet HTML 6Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
17.08.2010
uvled370_10e.doc
5 of 6
Precaution for Use
1. Cautions
• This device is a UV LED, which radiates intense UV light during operation.
• DO NOT look directly into the UV light or look through the optical system. To prevent
inadequate exposure of UV radiation, wearing UV protective glasses is recommended
2. Lead Forming
• When forming leads, the leads should be bent at a point at least 3 mm from the base of the
lead. DO NOT use the base of the leadframe as a fulcrum during lead forming.
• Lead forming should be done before soldering.
• DO NOT apply any bending stress to the base of the lead. The stress to the base may
damage the LED’s characteristics or it may break the LEDs.
• When mounted the LEDs onto the printed circuit board, the holes on the circuit board should
be exactly aligned with the leads of LEDs. If the LEDs are mounted with stress at the leads,
it causes deterioration of the lead and it will degrade the LEDs.
3. Soldering Conditions
• Solder the LEDs no closer than 3 mm from the base of the lead.
• Recommended soldering conditions:
Dip Soldering
Hand Soldering
Pre-Heat
120 °C Max.
Temperature
350 °C Max.
Pre-Heat Time
60 Seconds Max.
Soldering Time 3 Seconds Max.
Solder Bath Temperature 260 °C Max.
Dipping Time
5 Seconds Max.
Dipping Position
No lower than 3 mm from
the base of the epoxy bulb
Position
Not closer than 3 mm from
the base of the epoxy bulb
• Although the recommended soldering conditions are specified in the above table, dip or
hand soldering at the lowest possible temperature is desirable for the LEDs.
• A rapid-rate process is not recommended for cooling the LEDs down from the peak
temperature.
• Dip soldering and hand soldering should not be done more than one time.
• Do not apply any stress to the lead particularly when heated.
• The LEDs must not be repositioned after soldering.
• After soldering the LEDs, the lead should be protected from mechanical shock or vibration
until the LEDs return to room temperature.
• Direct soldering onto a PC board should be avoided. Mechanical stress to the resin may be
caused from warping of the PC board or from the clinching and cutting of the lead frames.
When it is absolutely necessary, the LEDs may be mounted in this fashion but the customer
will assume responsibility for any problems. Direct soldering should only be done adter
testing has confirmed that no damage, such as wire bond failure or resin deterioration, will
occur. Those LEDs should not be soldered directly to double sided PC boards because the
heat will deteriorate the epoxy resin.
• When it is necessary to clamp the LEDs to prevent soldering failure, it is important to
minimize the mechanical stress on the LEDs.
• Cut the LED leads at room temperature. Cutting the leads at high temperature may cause
the failure of the LEDs.



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com