| データシートサーチシステム |
|
UPD78P324LP データシート(PDF) 32 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD78P324LP データシート(HTML) 32 Page - NEC |
|
32 / 80 page ![]() µPD78P324, 78P324(A) 32 (2) µPD78P324(A) Electrical Specifications (1/9) Absolute Maximum Ratings (TA = 25 °C) Parameter Supply voltage Input voltage Output voltage Low-level output current High-level output current Analog input voltage A/D converter reference input voltage Operating ambient temperature Storage temperature Unit V V V V V V mA mA mA mA V V °C °C Rating –0.5 to +7.0 –0.5 to VDD +0.5 –0.5 to +13.5 –0.5 to +0.5 –0.5 to VDD +0.5 –0.5 to VDD +0.5 4.0 90 –1.0 –20 –0.5 to VDD +0.5 –0.5 to AVDD +0.5 –0.5 to VDD +0.5 –0.5 to AVDD +0.5 –40 to +85 –65 to +150 Symbol VDD AVDD VPP AVSS VI VO IOL IOH VIAN AVREF TA Tstg Condition Notes 1, 2 All output pins Total of all output pins All output pins Total of all output pins AVDD > VDD Notes 2, 3 VDD ≥ AVDD AVDD > VDD VDD ≥ AVDD Notes 1. Except P70/AN0-P77/AN7. 2. The overvoltage condition of the allowable pin injectioncurrent characteristics in overvoltage application is excluded. 3. P70/AN0-P77/AN7 pins. Caution If the absolute maximum rating of any one of the parameters is exceeded even momentarily, the quality of the product may be degraded. In other words, the product may be physically damaged if any of the absolute maximum ratings is exceeded. Be sure to use the product without exceeding these ratings. |