データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT8490 データシート(PDF) 9 Page - Linear Technology

部品番号 LT8490
部品情報  High Voltage, High Current Buck-Boost Battery Charge Controller with Maximum Power Point Tracking
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT8490 データシート(HTML) 9 Page - Linear Technology

Back Button LT8490_15 Datasheet HTML 5Page - Linear Technology LT8490_15 Datasheet HTML 6Page - Linear Technology LT8490_15 Datasheet HTML 7Page - Linear Technology LT8490_15 Datasheet HTML 8Page - Linear Technology LT8490_15 Datasheet HTML 9Page - Linear Technology LT8490_15 Datasheet HTML 10Page - Linear Technology LT8490_15 Datasheet HTML 11Page - Linear Technology LT8490_15 Datasheet HTML 12Page - Linear Technology LT8490_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
LT8490
9
8490f
For more information www.linear.com/LT8490
pin FuncTions
RT (Pin 22): Timing Resistor Pin. Adjusts the switching
regulator frequency (OSC1) when SYNC is not driven by
a clock. Place a resistor from this pin to ground to set
the free-running frequency of OSC1. Do not float this pin.
BG1, BG2 (Pin 23/Pin 25): Bottom Gate Drive. Drives the
gates of the bottom N-channel MOSFETs between ground
and GATEVCC.
GATEVCC (Pin 24): Power Supply for Gate Drivers. Must
be connected to the INTVCC pin. Do not power from any
other supply. Locally bypass to ground.
BOOST1,BOOST2(Pin33/Pin27):BoostedFloatingDriver
Supply. The (+) terminal of the bootstrap capacitor con-
nects here. The BOOST1 pin swings from a diode voltage
below GATEVcc up to VIN + GATEVCC. The BOOST2 pin
swings from a diode voltage below GATEVCC up to VBAT
+ GATEVCC.
TG1, TG2 (Pin 32/Pin 28): Top Gate Drive. Drives the top
N-channelMOSFETswithvoltageswingsequaltoGATEVCC
superimposed on the switch node voltages.
SW1,SW2(Pin31/Pin29):SwitchNodes.The(–)terminal
of the bootstrap capacitors connect here.
SRVO_FBIN (Pin 35): Open-Drain Logic Output. This pin
is pulled to ground when the input voltage feedback loop
is active. This pin is unused for most LT8490 applications
and can be floated.
SRVO_IIN (Pin 36): Open-Drain Logic Output. This pin is
pulled to ground when the input current feedback loop is
active. This pin is unused for most LT8490 applications
and can be floated.
SRVO_IOUT (Pin 37): Open-Drain Logic Output. This pin
is pulled to ground when the output current feedback loop
is active. This pin is unused for most LT8490 applications
and can be floated.
SRVO_FBOUT(Pin38):Open-DrainLogicOutput.Thispin
is pulled to ground when the output voltage feedback loop
is active. This pin is unused for most LT8490 applications
and can be floated.
EXTVCC (Pin 40): External VCC Input. When EXTVCC ex-
ceeds 6.4V (typical), INTVCCwillbepoweredfromthispin.
When EXTVCC is lower than 6.22V (typical), INTVCC will be
powered from VIN. See Switching Configuration - MODE
Pin for additional details.
CSNOUT (Pin 41): The (–) Input to the Output Current
Sense Amplifier.
CSPOUT (Pin 42): The (+) Input to the Output Current
Sense Amplifier. This pin and the CSNOUT pin measure
the voltage across the sense resistor to provide the output
current signals.
CSNIN (Pin 44): The (–) Input to the Input Current Sense
Amplifier. This pin and the CSPIN pin measure the voltage
across the sense resistor to provide the instantaneous
input current signals.
CSPIN (Pin 45): The (+) Input to the Input Current Sense
Amplifier.
VIN (Pin 46): Main Input Supply Pin. Must be bypassed
to local ground plane.
ECON (Pin 48): Digital Output Pin. Optional control output
signal used to disconnect EXTVCC from the battery when
the average charge current drops below a predetermined
threshold.
SWENO (Pin 49): Digital Output Pin. Connect to SWEN.
Enables the switching regulator. A 200kΩ pull-down re-
sistor is required from this pin to ground.
IOW (Pin 50): Digital Output Pin. Connects to IMON_OUT
through a resistor. By switching the pin between logic low
and high impedance, the total RIMON_OUT changes, which
changes the output current limit.
STATUS (Pin 51): Digital Output Pin. When used with an
LED, this signal provides a visual indication of the pro-
gress of the charging algorithm. In addition, STATUS
transmits two UART bytes (8 bits, no parity, one stop bit,
2400 baud) every 3.5 seconds (typical), which indicates
status and fault information.
IIR (Pin 53): A/D Input Pin. Connects to IMON_IN to read
input current. Used to manage MPPT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com