データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LT8490 データシート(PDF) 1 Page - Linear Technology

部品番号 LT8490
部品情報  High Voltage, High Current Buck-Boost Battery Charge Controller with Maximum Power Point Tracking
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINER [Linear Technology]
ホームページ  http://www.linear.com
Logo LINER - Linear Technology

LT8490 データシート(HTML) 1 Page - Linear Technology

  LT8490_15 Datasheet HTML 1Page - Linear Technology LT8490_15 Datasheet HTML 2Page - Linear Technology LT8490_15 Datasheet HTML 3Page - Linear Technology LT8490_15 Datasheet HTML 4Page - Linear Technology LT8490_15 Datasheet HTML 5Page - Linear Technology LT8490_15 Datasheet HTML 6Page - Linear Technology LT8490_15 Datasheet HTML 7Page - Linear Technology LT8490_15 Datasheet HTML 8Page - Linear Technology LT8490_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LT8490
1
8490f
For more information www.linear.com/LT8490
Typical applicaTion
FeaTures
DescripTion
High Voltage, High Current
Buck-Boost Battery Charge Controller with
Maximum Power Point Tracking (MPPT)
The LT®8490 is a buck-boost switching regulator battery
charger that implements a constant-current constant-
voltage (CCCV) charging profile used for most battery
types, including sealed lead-acid (SLA), flooded, gel and
lithium-ion. The device operates from input voltages
above, below or equal to the output voltage and can be
powered by a solar panel or a DC power supply. On-chip
logic provides automatic maximum power point tracking
(MPPT) for solar powered applications. The LT8490 can
perform automatic temperature compensation by sensing
an external thermistor thermally coupled to the battery.
STATUS and FAULT pins containing charger information
can be used to drive LED indicator lamps. The device is
available in a low profile (0.75mm) 7mm × 11mm 64-lead
QFN package.
Simplified Solar Powered Battery Charger Schematic
applicaTions
n
VIN Range: 6V to 80V
n
VBAT Range: 1.3V to 80V
n
Single Inductor Allows VIN Above, Below, or Equal
to VBAT
n
Automatic MPPT for Solar Powered Charging
n
Automatic Temperature Compensation
n
No Software or Firmware Development Required
n
Operation from Solar Panel or DC Supply
n
Input and Output Current Monitor Pins
n
Four Integrated Feedback Loops
n
Synchronizable Fixed Frequency: 100kHz to 400kHz
n
64-Lead (7mm × 11mm × 0.75mm) QFN Package
n
Solar Powered Battery Chargers
n
Multiple Types of Lead-Acid Battery Charging
n
Li-Ion Battery Charger
n
Battery Equipped Industrial or Portable Military
Equipment
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and Hot
Swap is a trademark of Linear Technology Corporation. All other trademarks are the property of
their respective owners.
LT8490
SOLAR PANEL
TG1 BOOST1
CSNIN
CSPIN
VIN
CSPOUT
CSNOUT
EXTVCC
AVDD
TEMPSENSE
GATEVCC
INTVCC
SW1 BG1 CSP CSN
STATUS
FAULT
AVDD
BG2 SW2 BOOST2 TG2
GND
RECHARGABLE
BATTERY
LOAD
THERMISTOR
+
8490 TA01a
AVDD
GATEVCC´
GATEVCC´
GATEVCC´
VBAT
8490 TA01b
0.5s/DIV
VPANEL
6V/DIV
IPANEL
1.36A/DIV
BACK PAGE APPLICATION
PERTURB &
OBSERVE
PERTURB &
OBSERVE
FULL PANEL SCAN
Maximum Power Point Tracking


同様の部品番号 - LT8490_15

メーカー部品番号データシート部品情報
logo
Linear Technology
LT8490 LINER-LT8490 Datasheet
413Kb / 8P
High Efficiency MPPT Battery Charger Controller
logo
Analog Devices
LT8490 AD-LT8490 Datasheet
1Mb / 48P
35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
01/19-REV.B
LT8490 AD-LT8490 Datasheet
1Mb / 52P
35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
10/18-REV.A
LT8490 AD-LT8490 Datasheet
1Mb / 52P
35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
10/18-REV.A
More results

同様の説明 - LT8490_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
SM72445 TI1-SM72445 Datasheet
350Kb / 19P
Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
logo
Linear Technology
LTC4000-1 LINER-LTC4000-1 Datasheet
477Kb / 40P
High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
logo
Texas Instruments
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
logo
Linear Technology
LTC4000-1 LINER-LTC4000-1_15 Datasheet
489Kb / 40P
High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
logo
Texas Instruments
SM72445 TI-SM72445_15 Datasheet
780Kb / 20P
SM72445 Programmable Maximum Power Point Tracking Controller With Adjustable PWM Frequency
logo
Shenzhen Huazhimei Semi...
HM4072B HMSEMI-HM4072B Datasheet
1Mb / 11P
4A multi-cell battery charge management IC with solar cell maximum power point tracking
HM4077 HMSEMI-HM4077 Datasheet
613Kb / 10P
4A, 12V lead-acid battery charge management IC with solar cell maximum power point tracking
logo
Analog Devices
LT8491 AD-LT8491 Datasheet
1Mb / 82P
High Voltage Buck-Boost Battery Charge Controller with Maximum Power Point
logo
NXP Semiconductors
MPT612 NXP-MPT612 Datasheet
617Kb / 37P
Maximum power point tracking IC
Rev.2-14 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com