データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S35720 データシート(PDF) 3 Page - Seiko Instruments Inc

部品番号 S35720
部品情報  FOR AUTOMOTIVE 125C OPERATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SII [Seiko Instruments Inc]
ホームページ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35720 データシート(HTML) 3 Page - Seiko Instruments Inc

  S35720 Datasheet HTML 1Page - Seiko Instruments Inc S35720 Datasheet HTML 2Page - Seiko Instruments Inc S35720 Datasheet HTML 3Page - Seiko Instruments Inc S35720 Datasheet HTML 4Page - Seiko Instruments Inc S35720 Datasheet HTML 5Page - Seiko Instruments Inc S35720 Datasheet HTML 6Page - Seiko Instruments Inc S35720 Datasheet HTML 7Page - Seiko Instruments Inc S35720 Datasheet HTML 8Page - Seiko Instruments Inc S35720 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
FOR AUTOMOTIVE 125°C OPERATION WITH INTERRUPT TIME SETTING PIN CONVENIENCE TIMER
Rev.1.0_00
S-35720 Series
Seiko Instruments Inc.
3
AEC-Q100 in Process
Contact our sales office for details of AEC-Q100 reliability specification.
Product Name Structure
1. Product name
S-35720 x xx A - K8T2 U
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Product name
Operation temperature
A:
Ta =
−40°C to +125°C
Package abbreviation and IC packing specification
*1
K8T2: TMSOP-8, Tape
Option code 2
*2
Option code 1
A:
Crystal oscillator CL = 12.5 pF
B:
Crystal oscillator CL = 9 pF
C:
Crystal oscillator CL = 6 pF
D:
Crystal oscillator CL = others
*3
*1. Refer to the tape drawing.
*2. A sequence number added by the optional function that is user-selected.
*3. Contact our sales office for details.
2. Package
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
TMSOP-8
FM008-A-P-SD
FM008-A-C-SD
FM008-A-R-SD
3. Product name list
Table 2 (1 / 2)
Product Name
RST
_______
Pin
*1
INT Pin Output Form
*2
Time-out Type
*3
S-35720A01A-K8T2U
Without pull-up resistor
Nch open-drain output
Handshake time-out
S-35720C01A-K8T2U
With pull-up resistor
Nch open-drain output
One-shot loop time-out
Table 2 (2 / 2)
Product Name
SET0 Pin, SET1 Pin Settings (SET0, SET1)
0, 0
0, 1
1, 0
1, 1
S-35720A01A-K8T2U
60 seconds
10 seconds
30 seconds
1 second
S-35720C01A-K8T2U
60 seconds
10 seconds
30 seconds
1 second
*1. The pin with / without pull-up resistor is selectable. Refer to " Pin Functions".
*2. The pin of Nch open-drain output / CMOS output is selectable. Refer to " Pin Functions".
*3. The type of one-shot loop time-out / handshake time-out / toggle operation is selectable. Refer to " INT Pin
Interrupt Signal Output". Contact our sales office for the details of toggle operation.
Remark Please contact our sales office for products with specifications other than the above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com