データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S35720 データシート(PDF) 5 Page - Seiko Instruments Inc

部品番号 S35720
部品情報  FOR AUTOMOTIVE 125C OPERATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SII [Seiko Instruments Inc]
ホームページ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S35720 データシート(HTML) 5 Page - Seiko Instruments Inc

  S35720 Datasheet HTML 1Page - Seiko Instruments Inc S35720 Datasheet HTML 2Page - Seiko Instruments Inc S35720 Datasheet HTML 3Page - Seiko Instruments Inc S35720 Datasheet HTML 4Page - Seiko Instruments Inc S35720 Datasheet HTML 5Page - Seiko Instruments Inc S35720 Datasheet HTML 6Page - Seiko Instruments Inc S35720 Datasheet HTML 7Page - Seiko Instruments Inc S35720 Datasheet HTML 8Page - Seiko Instruments Inc S35720 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
FOR AUTOMOTIVE 125°C OPERATION WITH INTERRUPT TIME SETTING PIN CONVENIENCE TIMER
Rev.1.0_00
S-35720 Series
Seiko Instruments Inc.
5
Pin Functions
1. SET0, SET1 (Input for interrupt time setting) pins
These pins input the interrupt time setting signal. The setting signals are input when the RST
_______
pin changes from "L" to
"H". As a result, interrupt time does not change even if the SET0 pin and the SET1 pin change during timer operation.
In one-shot loop time-out and handshake time-out, 4 types of interrupt time can be selected depending on the pin
settings. Interrupt time of the timer can be selected as the option on the second time scale from 1 second to 194 days
(Approximately half a year).
2. RST
_______
(Input for reset signal) pin
This pin inputs the reset signal. The timer is reset when inputting "L" to the RST
_______
pin. The INT pin is set to "H" when
inputting "H" to the RST
_______
pin, and the timer starts the operation.
Moreover, the RST
_______
pin with / without pull-up resistor can be selected.
3. INT (Output for interrupt signal) pin
This pin outputs an interrupt signal. The interrupt signal is output when the time set to the SET0 pin and the SET1 pin
comes. The interrupt signal output (time-out type) of one-shot loop time-out / handshake time-out / toggle operation
*1
can be selected as the option. Regarding the operation of the interrupt signal output, refer to " INT Pin Interrupt
Signal Output".
Moreover, the INT pin output form of Nch open-drain output / CMOS output can be selected.
*1. Contact our sales office for the details of toggle operation.
4. XIN, XOUT (Connection for crystal oscillator) pins
Connect a crystal oscillator between the XIN pin and the XOUT pin.
5. VDD (Positive power supply) pin
Connect this pin with a positive power supply.
Regarding the values of voltage to be supplied, refer to " Recommended Operation Conditions".
6. VSS pin
Connect this pin to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com