| データシートサーチシステム |
|
UCD3138A データシート(PDF) 41 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138A データシート(HTML) 41 Page - Texas Instruments |
|
41 / 83 page ![]() UCD3138A www.ti.com SLUSC66B – MARCH 2015 – REVISED MAY 2015 A list of the IntraMux modes for DPWMA is as follows: 0 = DPWMA(n) pass through (default) 1 = Edge-gen output, DPWMA(n) 2 = DPWNC(n) 3 = DPWMB(n) (Crossover) 4 = DPWMA(n+1) 5 = DPWMB(n+1) 6 = DPWMC(n+1) 7 = DPWMC(n+2) 8 = DPWMC(n+3) and for DPWMB: 0 = DPWMB(n) pass through (default) 1 = Edge-gen output, DPWMB(n) 2 = DPWNC(n) 3 = DPWMA(n) (Crossover) 4 = DPWMA(n+1) 5 = DPWMB(n+1) 6 = DPWMC(n+1) 7 = DPWMC(n+2) 8 = DPWMC(n+3) The DPWM number wraps around just like the Edge Gen unit. For DPWM3 the following definitions apply: DPWM(n) DPWM3 DPWM(n+1) DPWM0 DPWM(n+2) DPWM1 DPWM(n+3) DPWM2 6.9 Filter The UCD3138A filter is a PID filter with many enhancements for power supply control. Some of its features include: • Traditional PID Architecture • Programmable non-linear limits for automated modification of filter coefficients based on received EADC error • Multiple coefficient sets fully configurable by firmware • Full 24-bit precision throughout filter calculations • Programmable clamps on integrator branch and filter output • Ability to load values into internal filter registers while system is running • Ability to stall calculations on any of the individual filter branches • Ability to turn off calculations on any of the individual filter branches • Duty cycle, resonant period, or phase shift generation based on filter output. • Flux balancing • Voltage feed forward Copyright © 2015, Texas Instruments Incorporated Detailed Description 41 Submit Documentation Feedback Product Folder Links: UCD3138A |