データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UCD3138A データシート(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
部品番号 UCD3138A
部品情報  Highly Integrated Digital Controller for Isolated Power
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UCD3138A データシート(HTML) 56 Page - Texas Instruments

Back Button UCD3138A Datasheet HTML 52Page - Texas Instruments UCD3138A Datasheet HTML 53Page - Texas Instruments UCD3138A Datasheet HTML 54Page - Texas Instruments UCD3138A Datasheet HTML 55Page - Texas Instruments UCD3138A Datasheet HTML 56Page - Texas Instruments UCD3138A Datasheet HTML 57Page - Texas Instruments UCD3138A Datasheet HTML 58Page - Texas Instruments UCD3138A Datasheet HTML 59Page - Texas Instruments UCD3138A Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 83 page
background image
QT1
QB1
Lr
ISOLATED
GATE Transformer
SYNCHRONOUS
GATE DRIVE
PRIM
CURRENT
T1
T1
VBUS
QT2
QB2
D1
D2
T2
L1
Q5
R2
Q6
I_pri
VOUT
UCD3138A
SLUSC66B – MARCH 2015 – REVISED MAY 2015
www.ti.com
7.2.2.2
DPWM Initialization for PSFB
The UCD3138A DPWM peripheral provides flexibility for a wide range of topologies. The PSFB
configuration utilizes the Intra-Mux and Edge Generation Modules of the DPWM. For a diagram showing
these modules, see the UCD3138A Digital Power Peripherals Manual.
Here is a schematic of the power stage of the PSFB:
Figure 7-2. Schematic – PSFB Power Stage
56
Application, Implementation, and Layout
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: UCD3138A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83