| データシートサーチシステム |
|
MAX686EEE データシート(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX686EEE データシート(HTML) 2 Page - Maxim Integrated Products |
|
2 / 16 page ![]() DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (VCC = VDD = VIN = +5V, CREF = 0.1µF, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Voltage VCC, ISET, POK, POL, SHDN, UP, DN, VDD to GND ...........................................-0.3V to +6V FB, REF, DACOUT to GND.......................-0.3V to (VCC + 0.3V) PGND to GND .....................................................-0.3V to +0.3V LX, LCDON to GND..............................................-0.3V to +30V Current LX (sinking) .....................................................................600mA LCDON (sinking)...............................................................10mA Continuous Power Dissipation (TA = +70°C) QSOP (derate 8.30mW/°C above +70°C) ......................667mW Operating Temperature Ranges MAX686C/D ..........................................................0°C to +70°C MAX686EEE.......................................................-40°C to +85°C Storage Temperature Range .............................-65°C to +160°C Lead Temperature (soldering, 10sec) .............................+300°C SHDN = GND POL = GND, VFB = 1.3V, IDACOUT = 0mA Boost configuration, VOUT = 27.5V, ILOAD = 0mA to 5mA Boost configuration, VOUT = 27.5V, ILOAD = 5mA, VCC = VDD = 2.7V to 5.5V Rising or falling CONDITIONS µA 1.3 4 ISHDN Shutdown Current µA 65 125 ICC + IDD V 2.7 5.5 VCC, VDD Supply Voltage (Note 1) Supply Current V 28 VLX LX Voltage Range %/mA 0.01 Load Regulation %/V 0.1 Line Regulation V 2.10 2.5 2.65 VLOCK VCC Undervoltage Lockout mV 100 VCC Undervoltage Lockout Hysteresis V 0.5 1.5 2.1 VRESET VCC DAC Reset Threshold UNITS MIN TYP MAX SYMBOL PARAMETER ISET = VCC A 0.42 0.50 0.58 ILX LX Switch Current Limit ISET = GND 0.21 0.25 0.29 VLX = 28V µA 1.5 ILXLEAK LX Leakage Current VCC = VDD = 5V, ILX = 100mA Ω 0.6 1.2 RLX LX On-Resistance VCC = VDD = 3.3V, ILX = 100mA 0.8 1.6 µs 8 10 12 tON Maximum LX On-Time POL = GND, VFB > 1.2V µs 0.8 1 1.2 tOFF Minimum LX Off-Time POL = VCC, VFB < 0.15V 2.8 3.5 4.2 POL = GND, VFB < 0.8V 4 5 6 POL = VCC, VFB > 0.4V 4 5 6 Voltage applied to L1 V 0.8 VOUT VIN Input Voltage LX |