| データシートサーチシステム |
|
MAX686EEE データシート(PDF) 3 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX686EEE データシート(HTML) 3 Page - Maxim Integrated Products |
|
3 / 16 page ![]() DAC-Controlled Boost/Inverter LCD Bias Supply with Internal Switch _______________________________________________________________________________________ 3 IREF = 0µA to 25µA, CREF = 0.1µF VCC = VDD = 2.7V to 5.5V, no load 0µA < IDACOUT < 20µA -50µA < IDACOUT < 0µA IREF = 0µA to 50µA, CREF = 0.47µF CONDITIONS mV 1 10 REF Load Regulation V 1.225 1.250 1.275 VREF REF Output Voltage mV 0 15 VZS Zero-Scale Output Voltage V VREF - VREF VREF + 0.015 0.015 VFS Full-Scale Output Voltage 1.5 nA ±50 IFB FB Input Bias Current UNITS MIN TYP MAX SYMBOL PARAMETER ELECTRICAL CHARACTERISTICS (continued) (VCC = VDD = VIN = +5V, CREF = 0.1µF, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) POL = GND POL = VCC V 1.225 1.250 1.275 VFB FB Set Point mV -15 0 15 nA ±50 IPOK POK Input Current VPOK rising V 1.100 1.125 1.150 VPOK POK Threshold mV 12 POK Hysteresis V LCDON = 0.4V, VPOK = 1.25V mA 2 6 I LCDON LCDON Sink Current V LCDON = 28V, VPOK = GND µA 0.02 1 LCDON Leakage Current bits 6 Resolution Mid-scale = VREF x 32/63 % -2 2 MSA Mid-Scale Accuracy Guaranteed monotonic LSB -1 1 DNL Differential Nonlinearity k Ω 1.5 RDACOUT Output Resistance in Shutdown 2.7V < VCC = VDD < 5.5V V 0.7 VIL Input Low Level 2.7V < VCC = VDD < 5.5V V 2.4 VIH Input High Level µA ±1 IBIAS Input Bias Current UP, DN, TA = +25°C µs 1 tPWH Pulse Width High UP, DN, TA = +25°C µs 1 tPWL Pulse Width Low UP, DN, TA = +25°C µs 1 tPWS Pulse Separation REFERENCE AND FB INPUT POWER OK COMPARATOR, LCDON OUTPUT DAC OUTPUT (Notes 2, 3) LOGIC INPUTS: POL, ISET, UP, DN, SHDN |