| データシートサーチシステム |
|
F1836G-S14-R データシート(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
F1836G-S14-R データシート(HTML) 2 Page - Unisonic Technologies |
|
2 / 6 page ![]() F1836 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 2 of 6 www.unisonic.com.tw QW-R109-029.C PIN CONFIGURATION 1 2 3 4 5 6 7 14 13 12 11 10 9 8 GND IN2 OUT2 Vs 1 OUT1 IN1 VCC VCONT IN4 OUT4 Vs 2 OUT3 IN3 GND PIN DESCRIPTION PIN NO. PIN NAME DESCRIPTION 1 VCC Power Supply 2 IN1 The input of the channel 1 3 OUT1 The output of the channel 1 4 VS 1 The power supply of channel 1 5 OUT2 The output of the channel 1 6 IN2 The input of the channel 1 7, 14 GND Ground The ground potential of the IC 8 VCONT The output of a reference voltage 9 IN4 The input of the channel 2 10 OUT4 The output of the channel 2 11 VS 2 The power supply of channel 2 12 OUT3 The output of the channel 2 13 IN3 The input of the channel 2 TRUTH TABLE IN 1, 3 IN 2, 4 OUT 1, 3 OUT 2, 4 Mode H L H L Forward L H L H Reverse H H L L Brake L L OFF OFF Standby |