データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

F1836G-S14-R データシート(PDF) 5 Page - Unisonic Technologies

部品番号 F1836G-S14-R
部品情報  TWO-CHANNEL BIDIRECTIONAL MOTOR DRIVER IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

F1836G-S14-R データシート(HTML) 5 Page - Unisonic Technologies

  F1836G-S14-R Datasheet HTML 1Page - Unisonic Technologies F1836G-S14-R Datasheet HTML 2Page - Unisonic Technologies F1836G-S14-R Datasheet HTML 3Page - Unisonic Technologies F1836G-S14-R Datasheet HTML 4Page - Unisonic Technologies F1836G-S14-R Datasheet HTML 5Page - Unisonic Technologies F1836G-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
F1836
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R109-029.C
TYPICAL APPLICATION CIRCUIT
Note: There are no restrictions on the relationship of each voltage level in comparison with the others (regarding
which is higher or lower), as long as the voltages applied to VCC, VS1, VS2, and IN1 through IN4 are within the
limits set by the absolute maximum ratings. (Ex: VCC=3V, VS1, 2=2V, IN1 to IN4=5V)



Html Pages

1 2 3 4 5 6